PART |
Description |
Maker |
LTC1668 |
16-Bit, 50Msps Differential Current OutputDAC(16位,50Msps,差分电流输出数模转换器)
|
Linear Technology Corporation
|
LTC1743CFW LTC1743IFW LTC1743 |
12-Bit, 50Msps ADC
|
Linear Technology Corporation
|
CXD2307R |
10-bit 50MSPS RGB 3-channel D/A Converter
|
SONY
|
TMC1103X50 TMC1103KLC50 TMC1103KLC20 TMC1103KLC40 |
Triple Video A/D Converter with Clamps 8-Bit, 50Msps
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX1436 MAX1437 MAX1438 |
Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
|
Maxim Integrated Products
|
IS24C02A-2GLI IS24C02A IS24C16A-3ZLA3 IS24C02A-2DL |
1K-BIT/2K-BIT/4K-BIT/8K-BIT/16K-BIT 2-WIRE SERIAL CMOS EEPROM
|
ISSI[Integrated Silicon Solution, Inc]
|
CA3338A |
D/A Converter, Video, CMOS, 8-Bit, R2R Method, 50MSPS, 0.75LSB
|
Intersil
|
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
W25X40A W25X40AVZPIG W25X20A |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X20AVDAIZ W25X40AVDAIZ W25X80AVDAIZ W25X40AVSNI |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|